Part Number Hot Search : 
ESDR0502 MB40768H RT9244PS NE32183A BA328F RF3146 M51945B STP75NF
Product Description
Full Text Search
 

To Download MSM5117405F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEDD5117405F-01
1 Semiconductor MSM5117405F
DESCRIPTION
This version: June. 2000 Previous version :
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
The MSM5117405F is a 4,194,304-word x 4-bit dynamic RAM fabricated in Oki's silicon-gate CMOS technology. The MSM5117405F achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM5117405F is available in a 26/24-pin plastic SOJ or 26/24-pin plastic TSOP. FEATURES
4,194,304-word x 4-bit configuration Single 5V power supply, 10% tolerance Input : TTL compatible, low input capacitance Output : TTL compatible, 3-state Refresh : 2048 cycles/32ms Fast page mode with EDO, read modify write capability CAS before RAS refresh, hidden refresh, RAS-only refresh capability Packages 26/24-pin 300mil plastic SOJ (SOJ26/24-P-300-1.27) (Product : MSM5117405F-xxSJ) 26/24-pin 300mil plastic TSOP (TSOPII26/24-P-300-0.80-K) (Product : MSM5117405F-xxTS-K)
xx indicates speed rank. PRODUCT FAMILY
Access Time (Max.)
Family
tRAC 50ns 60ns 70ns
tAA 25ns 30ns 35ns
tCAC 13ns 15ns 20ns
tOEA 13ns 15ns 20ns
Cycle Time (Min.) 84ns 104ns 124ns
Power Dissipation Operating (Max.) 550mW 495mW 440mW Standby (Max.) 5.5mW
MSM5117405F
1/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
PIN CONFIGURATION (TOP VIEW)
VCC DQ1 DQ2 WE RAS NC A10 A0 A1 A2 A3 VCC
1 2 3 4 5 6 8 9 10 11 12 13
26 25 24 23 22 21 19 18 17 16 15 14
VSS DQ4 DQ3 CAS OE A9 A8 A7 A6 A5 A4 VSS
VCC DQ1 DQ2 WE RAS NC
1 2 3 4 5 6
26 25 24 23 22 21 19 18 17 16 15 14
VSS DQ4 DQ3 CAS OE A9 A8 A7 A6 A5 A4 VSS
A10 8 A0 9 A1 10 A2 11 A3 12 VCC 13
26/24-Pin Plastic SOJ
26/24-Pin Plastic TSOP (K Type)
Pin Name A0-A10 RAS CAS DQ1-DQ4 OE WE VCC VSS NC
Function Address Input Row Address Strobe Column Address Strobe Data Input/Data Output Output Enable Write Enable Power Supply (5V) Ground (0V) No Connection
Note : The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must be provided to every VSS pin.
2/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
BLOCK DIAGRAM
RAS CAS
Timing Generator Timing Generator
11
Column Address Buffers Internal Address Counter Row Address Buffers
11
Column Decoders
Write Clock Generator
WE OE
4 Output Buffers 4 4 4 Input Buffers 4
A0 - A10
Refresh Control Clock
Sense Amplifiers
4
I/O Selector
4
DQ1 - DQ4
11
11
Row Decoders
Word Drivers
Memory Cells
VCC
On Chip VBB Generator
VSS
3/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage VCC Supply relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VT IOS PD* Topr Tstg Value -0.5 to VCC+0.5 50 1 0 to 70 -55 to 150 Unit V mA W C C
*: Ta = 25C
RECOMMENDED OPERATING CONDITIONS
(Ta = 0 to 70C) Parameter Power Supply Voltage Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min. 4.5 0 2.4 - 0.5 Typ. 5.0 0 Max. 5.5 0 VCC + 0.5 0.8 Unit V V V V
PIN CAPACITANCE
(Vcc = 5V 10%, Ta = 25C, f = 1 MHz) Parameter Input Capacitance (A0 - A10) Input Capacitance (RAS, CAS, WE, OE) Output Capacitance (DQ1 - DQ4) Symbol CIN1 CIN2 CI/O Min. -- -- -- Typ. -- -- -- Min. 5 7 7 Unit pF pF pF
4/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
DC CHARACTERISTICS
(VCC = 5V 10%, Ta = 0 to 70C) MSM5117405 F-50 Min. Output High Voltage Output Low Voltage Input Leakage Current Output Leakage Current Average Power Supply Current (Operating) Power Supply Current (Standby) Average Power Supply Current (RAS-only Refresh) Power Supply Current (Standby) Average Power Supply Current (CAS before RAS Refresh) Average Power Supply Current (Fast Page Mode) VOH VOL IOH = -5.0mA IOL = 4.2mA 0V VI 6.5V; ILI All other pins not under test = 0V DQ disable 0V VO VCC RAS, CAS cycling, tRC = Min. RAS, CAS = VIH ICC2 RAS, CAS VCC - 0.2V RAS cycling, ICC3 CAS = VIH, tRC = Min. RAS = VIH, ICC5 CAS = VIL, DQ = enable RAS = cycling, CAS before RAS RAS = VIL, ICC7 CAS cycling, tHPC = Min. 100 90 80 mA 1,3 5 5 5 mA 1 100 90 80 mA 1,2 - 10 10 - 10 10 - 10 10 A 2.4 0 Max. VCC 0.4 MSM5117405 F-60 Min. 2.4 0 Max. VCC 0.4 MSM5117405 F-70 Unit Note Min. 2.4 0 Max. VCC 0.4 V V
Parameter
Symbol
Condition
ILO
- 10
10
- 10
10
- 10
10
A
ICC1
100
90
80
mA
1,2

2 1

2 1

2 mA 1 1
ICC6
100
90
80
mA
1,2
Notes: 1. ICC Max. is specified as ICC for output open condition. 2. The address can be changed once or less while RAS = VIL. 3. The address can be changed once or less while CAS = VIH.
5/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
AC CHARACTERISTICS (1/3)
(VCC = 5V 10%, Ta = 0 to 70C) Note1,2,3,12,13 Parameter Symbol MSM5117405 F-50 Min. Random Read or Write Cycle Time Read Modify Write Cycle Time Fast Page Mode Cycle Time tRC tRWC tHPC 84 110 20 58 0 5 0 0 0 0 1 30 50 50 7 7 7 7 35 Max. 50 13 25 30 13 13 13 13 13 50 32 10,000 100,000 10,000 MSM5117405 F-60 Min. 104 135 25 68 0 5 0 0 0 0 1 40 60 60 10 10 10 10 40 Max. 60 15 30 35 15 15 15 15 15 50 32 10,000 100,000 10,000 MSM5117405 F-70 Min. 124 160 30 78 0 5 0 0 0 0 1 50 70 70 13 13 10 13 45 Max. 70 20 35 40 20 20 20 20 20 50 32 10,000 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns 7,8 7,8 7 7 3 4, 5, 6 4,5 4,6 4 4 4 Unit Note
Fast Page Mode Read Modify Write tHPRWC Cycle Time Access Time from RAS Access Time from CAS Access Time from Column Address Access Time from CAS Precharge Access Time from OE Output Low Impedance Time from CAS Data Output Hold After CAS Low CAS to Data Output Buffer Turnoff Delay Time RAS to Data Output Buffer Turnoff Delay Time OE to Data Output Buffer Turn-off Delay Time WE to Data Output Buffer Turnoff Delay Time Transition Time Refresh Period RAS Precharge Time RAS Pulse Width RAS Pulse Width (Fast Page Mode with EDO) RAS Hold Time RAS Hold Time referenced to OE CAS Precharge Time (Fast Page Mode with EDO) CAS Pulse Width CAS Hold Time tRAC tCAC tAA tCPA tOEA tCLZ tDOH tCEZ tREZ tOEZ tWEZ tT tREF tRP tRAS tRASP tRSH tROH tCP tCAS tCSH
100,000 ns 10,000 ns ns ns ns ns
6/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
AC CHARACTERISTICS (2/3)
(VCC = 5V 10%, Ta = 0 to 70C) Note1,2,3,12,13 Parameter CAS to RAS Precharge Time Symbol MSM5117405 F-50 Min. tCRP 5 30 5 11 9 0 7 0 7 25 0 0 0 0 7 7 7 7 7 7 7 7 0 7 13 30 42 67 47 Max. 37 25 MSM5117405 F-60 Min. 5 35 5 14 12 0 10 0 10 30 0 0 0 0 10 10 10 10 10 10 10 10 0 10 15 34 49 79 54 Max. 45 30 MSM5117405 F-70 Min. 5 40 5 14 12 0 10 0 13 35 0 0 0 0 13 10 10 13 10 10 13 13 0 13 20 44 59 94 64 Max. 50 35 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 10 10 10 10 11 11 9 9 10 5 6 Unit Note
RAS Hold Time from CAS Precharge tRHCP OE Hold Time from CAS (DQ Disable) RAS to CAS Delay Time RAS to Column Address Delay Time Row Address Set-up Time Row Address Hold Time Column Address Set-up Time Column Address Hold Time Column Address to RAS Lead Time Read Command Set-up Time Read Command Hold Time Read Command Hold Time referenced to RAS Write Command Set-up Time Write Command Hold Time Write Command Pulse Width WE Pulse Width (DQ Disable) OE Command Hold Time OE Precharge Time OE Command Hold Time Write Command to RAS Lead Time Write Command to CAS Lead Time Data-in Set-up Time Data-in Hold Time OE to Data-in Delay Time CAS to WE Delay Time Column Address to WE Delay Time RAS to WE Delay Time CAS Precharge WE Delay Time tCHO tRCD tRAD tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH tWCS tWCH tWP tWPE tOEH tOEP tOCH tRWL tCWL tDS tDH tOED tCWD tAWD tRWD tCPWD
7/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
AC CHARACTERISTICS (3/3)
(VCC = 3.3V 0.3V, Ta = 0 to 70C) Note1,2,3,12,13 Parameter CAS Active Delay Time from RAS Precharge RAS to CAS Set-up Time (CAS before RAS) RAS to CAS Hold Time (CAS before RAS) WE to CAS Hold Time (CAS before RAS) WE Hold Time from RAS (CAS before RAS) RAS to WE Set-up Time (Test Mode) RAS to WE Hold Time (Test Mode) Symbol MSM5117405 F-50 Min. tRPC tCSR tCHR tWRP tWRH tWTS tWTH 5 5 10 10 10 10 10 Max. MSM5117405 F-60 Min. 5 5 10 10 10 10 10 Max. MSM5117405 F-70 Min. 5 5 10 10 10 10 10 Max. ns ns ns ns ns ns ns Unit Note
8/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
Notes: 1. A start-up delay of 200s is required after power-up, followed by a minimum of eight initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved. 2. The AC characteristics assume tT = 2ns. 3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times (tT) are measured between VIH and VIL. 4. -50 is measured with a load circuit equivalent to 2TTL load and 50pF, and -60/-70 is measured with a load circuit equivalent to 2TTL load and 100pF. 5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met. tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.) limit, then the access time is controlled by tCAC. 6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.) limit, then the access time is controlled by tAA. 7. tCEZ (Max.), tREZ (Max.), tWEZ (Max.), and tOEZ (Max.) define the time at which the output achieved the open circuit condition and are not referenced to output voltage levels. 8. tCEZ, and tREZ must be satisfied for open circuit condition. 9. tRCH or tRRH must be satisfied for a read cycle. 10. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS tWCS (Min.), then the cycle is an early write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD tCWD (Min.), tRWD tRWD(Min.), tAWD tAWD (Min.) and tCPWD tCPWD (Min.), then the cycle is a read modify write cycle and data out will contain data read from the selected cell; if neither of the above sets of conditions is satisfied, then the condition of the data out (at access time) is indeterminate. 11. These parameters are referenced to the CAS, leading edges in an early write cycle, and to the WE leading edge in an OE control write cycle, or a read modify write cycle. 12. The test mode is initiated by performing a WE and CAS before RAS refresh cycle. This mode is latched and remains in effect until the exit cycle is generated. In a test CA0, CA1 and CA10 are not used and each DQ pin now access 8-bit locations. Since all 4 DQ pins are used, a total 32 data bits can be written in parallel into the memory array. In a read cycle, if 8 data bits are equal, the DQ pin will indicate a high level. If the 8 data bits are not equal, the DQ pin will indicate a low level. The test mode is cleared and the memory device returned to its normal operating state by performing a RAS-only refresh cycle or a CAS before RAS refresh cycle. 13. In a test mode read cycle, the value of access time parameter is delayed for 5ns for the specified value. These parameters should be specified in test mode cycle by adding the above value to the specified value in this data sheet.
9/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
TIMING CHART
Read Cycle
RAS VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL VIH VIL VIH VIL tRAC DQ VOH VOL tCLZ Open Valid Data-out "H" or "L" tAA tROH tOEA tCAC tOEZ tRCH tREZ tRAD tRAL tRAH tASC Column tRCS tCAH tRCD tCSH tRSH tCAS tCRP tRC tRAS tRP
Row
tRRH
WE
OE
tCEZ
Write Cycle (Early Write)
VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL tRAD tRAL tRAH tASC tCAH tRCD tRC tRAS tRP tCSH tRSH tCAS tCRP
RAS
Row tWCS
Column tCWL tWCH tWP tRWL
WE
VIH VIL VIH VIL tDS VIH VIL
OE
tDH Valid Data-in Open "H" or "L"
DQ
10/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
Read Modify Write Cycle
tRWC RAS VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL tRAD tRAH tASC tCAH tCWL tRWL tRCD tRAS tRP tCSH tRSH tCAS tCRP
Row
Column tRCS tRWD tCWD tWP tAWD tAA tOEA tOED tCAC tRAC tOEZ tCLZ
Valid Data-out
WE
VIH VIL VIH VIL tOEH
OE
tDH tDS
Valid Data-in
DQ
VI/OH VI/OL
"H" or "L"
11/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
Fast Page Mode Read Cycle (Part-1)
tRASP RAS VIH VIL tCRP CAS VIH VIL VIH VIL VIH VIL VIH VIL tOEA tCAC DQ VOH VOL tCLZ * : Same Data, "H" or "L" tAA tRAC tAA tCPA tDOH Valid Data-out tOEZ
Valid Data-out
tRP tHPC tRHCP tCP tCAS tCAS tASC tCAH
tRCD tCSH tCAS tRAD tASR Row tRCS tRAH tASC tCAH tASC tCP
tCAH
Address
Column
Column
Column tOCH tCHO tOEP tCAC tAA tRRH
WE
tCAC
tOEP tOEA
OE
tOEA
tOEZ
Valid * Data-out
tREZ
Valid * Data-out
Fast Page Mode Read Cycle (Part-2)
tRASP RAS VIH VIL tCRP tRCD CAS VIH VIL VIH VIL VIH VIL VIH VIL tCAC tCAC DQ VOH VOL tCLZ "H" or "L" tWEZ
Valid Data-out
tRP tHPC tRHCP tHPC tCRP tCP tCAS tCAH Column tASC Column tCAS
tCSH tCP tCAS
tASR Row
tRAD tRAH
tASC
tCAH
tASC
tCAH
Address
Column tRCS tRCS tAA tRAC tRCH tWPE tOEA
WE
tAA
tCPA tAA
OE
tCAC
tDOH Valid Data-out
tCEZ
Valid Data-out
12/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
Fast Page Mode Write Cycle (Early Write)
tRASP RAS VIH VIL VIH VIL VIH VIL VIH VIL VIH VIL tDS DQ VIH VIL
Valid Data-in
tRP tHPC tHPC tCP tCAS tRSH tCAS tCAH
tCSH tCRP tRCD tCAS tRAD tASR Row tWCS tRAH tASC tCAH tASC tCP
CAS
tCAH
tASC
Address
Column tWCH
Column tWCS tWCH
Column tWCS tWCH
WE
OE
tDH
tDS
Valid Data-in
tDH
tDS
Valid Data-in
tDH
"H" or "L"
Fast Page Mode Read Modify Write Cycle
tRASP RAS VIH VIL VIH VIL tASR Address VIH VIL VIH VIL tRAC OE VIH VIL tCAC DQ VI/OH VI/OL tCLZ tOEZ
Valid Data-out
tRWD tCRP tRCD tCWD tASC tRAD tRAH Column tRCS tRCS tAWD tAA tOEA tOED tDH
Valid Data-in
tCPWD tCP tASC tHPRWC tCAH tCWL Column tCWD tAWD tDS tWP tAA tOEA tOEH tCAC tOEZ
Valid Data-out Valid Data-in
tRWL
CAS
tCAH tCPA
Row
WE
tDS
tWP
tOED
tOEH tDH
tCLZ "H" or "L"
13/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
RAS-only Refresh Cycle
tRC RAS VIH VIL VIH VIL VIH VIL VOH VOL tASR tRAH tCRP tRAS tRP tRPC
CAS
Address
Row tCEZ
DQ
Open Note: WE, OE = "H" or "L" "H" or "L"
CAS before RAS Refresh Cycle
tRP RAS VIH VIL VIH VIL VIH VIL tCEZ DQ VOH VOL Open Note: OE, Address = "H" or "L" "H" or "L" tWRP tRPC tCP tCSR tCHR tWRH tWRP tRAS tRP tRPC tRC
CAS
WE
14/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
Hidden Refresh Read Cycle
tRC RAS VIH VIL VIH VIL tASR Address VIH VIL VIH VIL tRAD tRAH Row tRCS WE tASC Column tCAC tRAL tAA tROH OE VIH VIL VOH VOL tRAC tCLZ Open Valid Data-out "H" or "L" tOEA tOEZ tCEZ tREZ tRRH tCAH tCRP tRCD tRAS tRSH tRP tCHR tRAS tRP tRC
CAS
DQ
Hidden Refresh Write Cycle
tRC RAS VIH VIL VIH VIL tASR Address VIH VIL tRAD tRAH Row tASC tCAH Column tRAL tRWL tWP tWCH tCRP tRCD tRAS tRSH tRP tCHR tRAS tRP tRC
CAS
WE
VIH VIL tWCS VIH VIL VIH VIL tDS
OE
tDH Valid Data-in
DQ
"H" or "L"
15/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
Test Mode-in Cycle
tRC tRP RAS VIH VIL VIH VIL tWTS WE VIH VIL VIH VIL tOFF Open Note: OE, Address = "H" or "L" "H" or "L" tWTH tRPC tCP tCSR tCHR tRAS
CAS
DQ
16/17
FEDD5117405F-01
1 Semiconductor
MSM5117405F
NOTICE 1. The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-to-date. 2. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. 3. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. 4. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. 5. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. 6. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not authorized for use in any system or application that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. 7. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. 8. No part of the contents contained herein may be reprinted or reproduced without our prior permission. Copyright 2000 Oki Electric Industry Co., Ltd.
17/17


▲Up To Search▲   

 
Price & Availability of MSM5117405F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X